Part Number Hot Search : 
AK2358F L1939 XRT91L32 2614FS L1939 LCP112E 2K505X PIC16C55
Product Description
Full Text Search
 

To Download KBPC1506F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBPC 1500 F ... KBPC 1516 F KBPC 1500 W ... KBPC 1516 W Silicon-Bridge Rectifiers Silizium-Bruckengleichrichter
Type "FM"/"FP"
Nominal current Nennstrom Alternating input voltage Eingangswechselspannung
15 A 35...1000 V
Metal case (Index "M") or Plastic case with alu-bottom (Index "P") Metallgehause (Index "M") oder Kunststoffgeh. mit Alu-Boden (Index "P") Dimensions Abmessungen Weight approx. Gewicht ca. Compound has classification UL94V-0 Vergumasse UL94V-0 klassifiziert
Dimensions / Mae in mm
Type "WM"/"WP"
28.6 x 28.6 x 7.3 [mm] 23 g
Standard packaging: bulk see page 22 Standard Lieferform: lose im Karton s.S.22
Recognized Product - Underwriters Laboratories Inc.(R) File E175067 Anerkanntes Produkt - Underwriters Laboratories Inc.(R) Nr. E175067
Maximum ratings Type Typ KBPC 1500 F/W KBPC 1501 F/W KBPC 1502 F/W KBPC 1504 F/W KBPC 1506 F/W KBPC 1508 F/W KBPC 1510 F/W KBPC 1512 F/W KBPC 1514 F/W KBPC 1516 F/W Repetitive peak forward current Periodischer Spitzenstrom
1 2
Grenzwerte max. alternating input voltage max. Eingangswechselspannung VVRMS [V] 35 70 140 280 420 560 700 800 900 1000 f > 15 Hz Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 1) 50 100 200 400 600 800 1000 1200 1400 1600 IFRM 60 A 2)
) Valid for one branch - Gultig fur einen Bruckenzweig ) Valid, if the temperature of the case is kept to 120/C - Gultig, wenn die Gehausetemp. auf 120/C gehalten wird 08.10.2003
1
KBPC 1500 F ... KBPC 1516 F KBPC 1500 W ... KBPC 1516 W Peak forward surge current, 60 Hz half sine-wave Stostrom fur eine 60 Hz Sinus-Halbwelle Rating for fusing - Grenzlastintegral, t < 10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur TA = 25/C TA = 25/C IFSM i2t Tj TS 200 A 166 A2s - 50...+150/C - 50...+150/C
Characteristics Max. current with cooling fin 300 cm2 Dauergrenzstrom mit Kuhlblech 300 cm2 Forward voltage - Durchlaspannung Leakage current - Sperrstrom TA = 50/C Tj = 25/C Tj = 25/C R-load C-load IF = 7.5 A VR = VRRM IFAV IFAV VF IR VISO RthC 10-32 UNF M5
Kennwerte 15.0 A 12.0 A < 1.2 V 1) < 25 :A > 2500 V < 3.0 K/W 18 10% lb.in 2 10% Nm
Isolation voltage terminals to case Isolationsspannung Anschlusse zum Gehause Thermal resistance junction to case Warmewiderstand Sperrschicht - Gehause Admissible torque for mounting Zulassiges Anzugsdrehmoment
1
) Valid for one branch - Gultig fur einen Bruckenzweig 08.10.2003
2


▲Up To Search▲   

 
Price & Availability of KBPC1506F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X